Part Number Hot Search : 
KTC5242 GS25E12 ST10F273 PE4074 14B101 2SD601 A52RA 25016
Product Description
Full Text Search
 

To Download MSIW2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MSIW2000 Series
3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
Key Features
Efficiency up to 83% 1500VDC Isolation MTBF > 1,000,000 Hours 4:1 Wide Input Range Short Circuit Protection Temperature Performance -40] to +71] Industry Standard Pinout UL 94V-0 Package Material Internal SMD Construction Complies with EN55022 Class A
EMI
Remote on/off
EN55022
SMD
4:1
Wide Range
1500 VDC
I/O Isolation
Minmax's MSIW2000 3W DC/DC's are in "gull-wing" SMT package. The series consists of 14 models that operate over input voltage ranges of 9-36VDC and 18-75VDC which provide precisely regulated output voltages of 3.3V, 5V, 12V, 15V, {5V, {12V and {15VDC. The -40] to +71] operating temperature range makes it ideal for data communication equipments, mobile battery driven equipments, distributed power systems, telecommunication equipments, mixed analog/digital subsystems, process/machine control equipments, computer peripheral systems and industrial robot systems. The modules have a maximum power rating of 3W and a typical full-load efficiency of 83%, continuous short circuit, built-in filtering for both input and output minimize the need for external filtering. The MSIW2000 units are available in tape and reel package.
Absolute Maximum Ratings
Parameter 24VDC Input Models Input Surge Voltage ( 1000 mS ) 48VDC Input Models Lead Temperature (1.5mm from case for 10 Sec.) Internal Power Dissipation Min. -0.7 -0.7 ----Max. 50 100 260 2,500 Unit VDC VDC ] mW
Environmental Specifications
Parameter Operating Temperature Operating Temperature Storage Temperature Humidity Cooling Conducted EMI Conditions Ambient Case Min. -40 -40 -40 Max. +71 +90 125 Unit ] ] ] %
Exceeding the absolute maximum ratings of the unit could cause damage. These are not continuous operating ratings.
--95 Free-Air Convection EN55022 Class A
Leadfree Reflow Solder Process as per IPC/JEDEC J-STD-020C peak temp. 245C/10 sec.
1
MINMAX
REV:4 2008/10
MSIW2000 Series
Model Selection Guide
Model Number Input Voltage Output Voltage Output Current Input Current Reflected Ripple Current mA (Typ.) Efficiency
VDC MSIW2021 MSIW2022 MSIW2023 MSIW2024 MSIW2025 MSIW2026 MSIW2027 MSIW2031 MSIW2032 MSIW2033 MSIW2034 MSIW2035 MSIW2036 MSIW2037
24 ( 9 ~ 36 )
48 ( 18 ~ 75 )
VDC 3.3 5 12 15 {5 {12 {15 3.3 5 12 15 {5 {12 {15
Max. mA 750 600 250 200 {300 {125 {100 750 600 250 200 {300 {125 {100
Min. mA 75 60 25 20 {30 {12.5 {10 75 60 25 20 {30 {12.5 {10
@Max. Load mA (Typ.) 138 158 154 154 160 154 154 68 78 75 75 78 75 75
@No Load mA (Typ.)
20
10
10
5
@Max. Load % (Typ.) 75 79 81 81 78 81 81 76 80 83 83 80 83 83
Capacitive Load
Models by Vout Maximum Capacitive Load # For each output 3.3V 3000 5V 3000 12V 3000 15V 3000 {5V # 180 {12V # 180 {15V # 180 Unit uF
Input Fuse Selection Guide
24V Input Models 1000mA Slow - Blow Type 48V Input Models 500mA Slow - Blow Type
Input Specifications
Parameter Start Voltage Under Voltage Shutdown Reverse Polarity Input Current Short Circuit Input Power Input Filter All Models Model 24V Input Models 48V Input Models 24V Input Models 48V Input Models Min. 4.5 8.5 --------Typ. 6 12 --------Pi Filter Max. 8.5 17 8 16 1 2000 A mW VDC Unit
REV:4 2008/10
MINMAX
2
MSIW2000 Series
Output Specifications
Parameter Output Voltage Accuracy Output Voltage Balance Line Regulation Load Regulation Ripple & Noise (20MHz) Ripple & Noise (20MHz) Ripple & Noise (20MHz) Over Power Protection Transient Recovery Time Transient Response Deviation Temperature Coefficient Output Short Circuit 25% Load Step Change Over Line, Load & Temp. Dual Output, Balanced Loads Vin=Min. to Max. Io=10% to 100% Conditions Min. --------------120 ------Continuous Typ. {0.5 {0.5 {0.2 {0.3 50 ------150 {2 {0.01 Max. {1.0 {2.0 {0.5 {1.0 75 100 15 --500 {6 {0.02 Unit % % % % mV P-P mV P-P mV rms % uS % %/]
General Specifications
Parameter Isolation Voltage Rated Isolation Voltage Test Isolation Resistance Isolation Capacitance Switching Frequency MTBF MIL-HDBK-217F @ 25], Ground Benign Conditions 60 Seconds Flash Tested for 1 Second 500VDC 100KHz,1V Min. 1500 1650 1000 ----1000 Typ. ------350 300 --Max. ------500 ----Unit VDC VDC M[ pF KHz K Hours
Remote On/Off Control
Parameter Supply On Supply off Device Standby Input Current Control Input Current ( on ) Control Input Current ( off ) Control Common Vin=Min. to Max. Vin=Min. to Max. Conditions Min. -0.7 ------Typ. --------Max. 0.8 5 -400 -400 Unit VDC mA uA uA 2.5 to 5.5 VDC or Open Circuit
Referenced to Negative Input
Notes :
1. Specifications typical at Ta=+25], resistive load, nominal input voltage, rated output current unless otherwise noted. 2. Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%. 3. Ripple & Noise measurement bandwidth is 0-20 MHz. 4. These power converters require a minimum output loading to maintain specified regulation. 5. Operation under no-load conditions will not damage these modules; however, they may not meet all specifications listed. 6. All DC/DC converters should be externally fused at the front end for protection. 7. Other input and output voltage may be available, please contact factory. 8. Specifications subject to change without notice. 9. It is not recommended to use water-washing process on SMT units.
3
MINMAX
REV:4 2008/10
MSIW2000 Series
Block Diagram
Single Output Dual Output
+Vin
LC Filter
+Vo +Vin
LC Filter
+Vo Com.
-Vo PFM Isolation Ref.Amp
-Vo PFM Isolation Ref.Amp
-Vin
-Vin
Input Voltage Transient Rating
150 140 130 120 110 100 Vin ( VDC ) 90 80 70 60 50 40 30 20 10 0 10uS 100uS 1mS 10mS 100mS 24VDC Input Models 48VDC Input Models
REV:4 2008/10
MINMAX
4
MSIW2000 Series
100
100
90 Efficiency (%)
Efficiency (%)
90
80
80
70
70
60
60
50 Low
50
Nom Input Voltage (V)
High
Low
Nom Input Voltage (V)
High
Efficiency vs Input Voltage ( Single Output )
Efficiency vs Input Voltage ( Dual Output )
90 80 Efficiency (%) 70 60 50 40 30 20 10 20 40 60 Load Current(%) 80 100
Efficiency (%)
90 80 70 60 50 40 30 20 10 20 40 60 Load Current(%) 80 100
Efficiency vs Output Load ( Single Output )
Efficiency vs Output Load ( Dual Output )
100 80 Output Power (%) 100LFM Natural convection 400LFM
200LFM
60
40
20 0 -40
50 60 70 80 ] 90 100 110
Ambient Temperature
Derating Curve
5
MINMAX
REV:4 2008/10
MSIW2000 Series
Test Configurations
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with a inductor Lin (4.7uH) and Cin (220uF, ESR < 1.0[ at 100 KHz) to simulate source impedance. Capacitor Cin, offsets possible battery impedance. Current ripple is measured at the input terminals of the module, measurement bandwidth is 0-500 KHz.
To Oscilloscope + Battery + Lin Current Probe +Vin +Out
Maximum Capacitive Load
The MSIW2000 series has limitation of maximum connected capacitance at the output. The power module may be operated in current limiting mode during start-up, affecting the ramp-up and the startup time. For optimum performance we recommend 180uF maximum capacitive load for dual outputs and 3000uF capacitive load for single outputs. The maximum capacitance can be found in the data sheet.
DC / DC Converter -Vin -Out
Overcurrent Protection
Load
Cin
Peak-to-Peak Output Noise Measurement Test
Use a Cout 0.47uF ceramic capacitor. Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-20 MHz. Position the load between 50 mm and 75 mm from the DC/DC Converter.
+Vin Single Output DC / DC Converter -Vin -Out +Out Copper Strip Cout Scope Resistive Load
To provide protection in a fault (output overload) condition, the unit is equipped with internal current limiting circuitry and can endure current limiting for an unlimited duration. At the point of current-limit inception, the unit shifts from voltage control to current control. The unit operates normally once the output current is brought back into its specified range.
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect the stability of the power module. In applications where power is supplied over long lines and output loading is high, it may be necessary to use a capacitor at the input to ensure startup. Capacitor mounted close to the power module helps ensure stability of the unit, it is recommended to use a good quality low Equivalent Series Resistance (ESR < 1.0[ at 100 KHz) capacitor of a 4.7uF for the 24V input devices and a 2.2uF for the 48V devices.
+Vin Dual Output DC / DC Converter -Vin
+Out Com.
Copper Strip Cout Cout Scope Resistive Load Scope
+ DC Power Source + Cin
+Vin DC / DC Converter -Vin
+Out Load -Out
-Out
Design & Feature Considerations
Remote On/Off
Positive logic remote on/off turns the module on during a logic high voltage on the remote on/off pin, and off during a logic low. To turn the power module on and off, the user must supply a switch to control the voltage between the on/off terminal and the -Vin terminal. The switch can be an open collector or equivalent. A logic low is -0.7V to 0.8V. A logic high is 2.5V to 5.5V. The maximum sink current of the switch at on/off terminal during a logic low is -300 uA. The maximum sink current of the switch at on/off terminal during a logic high is -200uA or open. REV:4 2008/10
-
MINMAX
6
MSIW2000 Series
Output Ripple Reduction
A good quality low ESR capacitor placed as close as practicable across the load will give the best ripple and noise performance. To reduce output ripple, it is recommended to use 3.3uF capacitors at the output.
+ DC Power Source -
+Vin Single Output DC / DC Converter -Vin
+Out
Cout -Out
Load
+ DC Power Source -
+Vin
+Out Dual Output Com. DC / DC Converter Cout Load
-Vin
-Out
Thermal Considerations
Many conditions affect the thermal performance of the power module, such as orientation, airflow over the module and board spacing. To avoid exceeding the maximum temperature rating of the components inside the power module, the case temperature must be kept below 90 C. The derating curves are determined from measurements obtained in an experimental apparatus.
Position of air velocity probe and thermocouple 15mm / 0.6in
50mm / 2in
Air Flow
DUT
7
MINMAX
REV:4 2008/10
MSIW2000 Series
Mechanical Dimensions Connecting Pin Patterns
Top View ( 2.54 mm / 0.1 inch grids )
17.82[0.70]
27.94mm
24 23 22 15 14 13
2.8mm
14.8[0.58] 16.1[0.63] 18.8[0.74]
Top
1 2 3 10 11 12
20.0mm
1.0[0.04] 2.54[0.10]
32.3[1.27]
10.2[0.40]
Side
S SEATING PLANE
0 ~4
2.54mm
17.78mm
1.0mm
2.16[0.085]
0.5[0.02]
0.15
Tolerance
Millimeters X.X{0.25 X.XX{0.13 {0.05
Inches X.XX{0.01 X.XXX{0.005 {0.002
Pin
Pin Connections
Pin 1 2 3 10 11 12 13 14 15 22 23 24 Single Output -Vin -Vin Remote On/Off NC NC NC +Vout NC -Vout NC +Vin +Vin NC: No Connection Dual Output -Vin -Vin Remote On/Off Common NC -Vout +Vout NC Common NC +Vin +Vin
Physical Characteristics
Case Size : 32.3*14.8*10.2 mm 1.27*0.58*0.40 inches Non-Conductive Black Plastic 8.8g UL94V-0
Case Material Weight Flammability
: : :
REV:4 2008/10
MINMAX
8


▲Up To Search▲   

 
Price & Availability of MSIW2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X